Part Number Hot Search : 
NTE4942 SY10EP EGA16 ELM99333 ECCM9 41AE022 20017HS M5241
Product Description
Full Text Search
 

To Download DN6849 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hall IC (Operating Temperature Range Topr = - 40 to +100C, Operating in Alternative
Magnetic Field)
4.00.3
10.50.5
0.80.1
s Overview
The DN6849/SE/TE/S is a combination of a Hall element, amplifier, Schmitt circuit, and stabilized power supply/temperature compensator integrated on an identical chip by using the IC technology. It amplifies Hall element output at the amplifier, converts into a digital signal through the Schmitt circuit, and drives the TTL or MOS IC directly.
123 5 2
0.7
DN6849/SE/TE/S
DN6849
4.50.3
1.0
2.00.3
Unit : mm
5
0.50.1 1.27 5
0.43 - 0.05 1 : VCC 2 : GND 3 : Output
+ 0.1
2 SSIP003-P-0000A (E-3S) 4.520.3 4.520.3 (1.0) 2 Unit : mm
DN6849SE
s Features
* High sensitivity and low drift * Stable temperature characteristics due to the additional tem* * * *
perature compensator Wide operating supply voltage range (VCC=4.5 to 16V) Operating in alternative magnetic field TTL and MOS ICs directly drivable by output Output open collector
0.550.15
45
(1.0)
12.506.5
(0.72)
0.40.1
1.27 2 to 5 123
(0.4) 1.540.1 1 : VCC 2 : GND 3 : Output Unit : mm (0.6) 0.50.1 10.00.6 3.30.3
s Applications
* Speed sensors * Position sensors * Rotation sensors * Keyboard switches * Microswitches
Note) This IC is not suitable for car electrical equipments.
2 R0.25 SSIP003-P-0000 (SE-3S)
DN6849TE
4.00.3 (1.0)
(0.7)
s Block Diagram
* DN6849/SE/TE
0.60.15
(1.0)
1.27 Stabilized power supply temperature correction circuit 1
1.20.1 (0.2) 1 : VCC 2 : GND 3 : Output Unit : mm
VCC Output
DN6849S
123
3
SSIP003-P-0000B (TE-3S)
0.60.2
2
3
1.6
Hall element
Amp.
Schmitt trigger Output stage
* DN6849S
NC 2 or GND
Stabilized power supply temperature correction circuit 1
0.950.2
VCC
0.40.2
3
Output
0.3 to 0.5 3.00.3 5.40.4
4 Hall element Amp. Schmitt trigger Output stage
GND
ESOP004-P-0200 (SOH-4D)
0.15 0 to 0.1
1 : VCC 2 : NC or GND 3 : Output 4 : GND
1.50.3
3.00.3
2
GND
1
4
s Absolute Maximum Ratings (Ta=25C)
Parameter Supply voltage Supply current Circuit current Power dissipation Opearting ambient temperature Storage temperature Symbol VCC ICC IO PD Topr Tstg Rating 18 8 20 150 -40 to+100 -55 to+125 Unit V mA mA mW C C
s Electrical Characteristics (Ta=25C)
Parameter Operating flux density Hysteresis width Low output voltage High output current Supply current Symbol B1 (L to H) B2 (H to L) BW VOL IOH ICC VCC=12V VCC=12V VCC=12V VCC=4.5 to 16V, IO=12mA, B=17.5mT VCC=4.5 to 16V, VO=16V, B=-17.5mT VCC=16V VCC=4.5V 7 Condition min -17.5 typ -6 6 10 0.4 10 6 5.5 17.5 max Unit mT mT mT V A mA mA
s Hall Element Position
* DN6849
1.0 1.75
* DN6849SE
1.0 1.63 1.25 1.3
* DN6849TE
1.0 1.5 1.15
* DN6849S
0 1. 1. 0
1.5
Unit : mm The center of the Hall element is in the hatched area in the right figure.
1.0
1.0
1.0
1.5
Distance from package surface to sensor
DN6849 0.7
DN6849SE 0.42
DN6849TE 0.4
DN6849S 0.65
s Flux-Voltage Conversion Characteristics
Output voltage (VO) Marking surface
B1
B2
Applied flux direction
Flux density (B)
s Precaution on Use
1. Change of the operation magnetic flux density does not depend on the supply voltage, because the stabilization power supply is built-in. (only for the range ; VCC= 4.5 to 16V) 2. Change from "H" to "L" level increases the supply current by approx. 1mA.
s Characteristics Curve Supply voltage - Ambient temperature
8 VCC = 12V 7 20 20 Ta = 25C
Operating flux density - Ambient temperature
Operating flux density - Supply voltage
Operating flux density (mT)
Supply current (mA)
6 VCC = 16V 5 4 VCC = 4.5V 3 2 1 0
Operating flux density (mT)
10
to L Sample 1, BH
BH to L 10
0
Sample 2, BH to L Samp le 3, BH to
L
0 BL to H -10
Sample 1,
-10
BL to H
Sample 2, BL to H
Sample 3, B
L to H
-20 -50 -25 0 25 50 75 100 125 -50 -25 0 25 50 75 100 125
-20 0 2 4 6 8 10 12 14 16 18 20
Ambient temperature (C)
Ambient temperature (C)
Supply voltage (V)
Output low level voltage - Ambient temperature
100 90 VCC = 12V IO = 12mA
Output "L" level voltage (mV)
80 70 60 50 40 30 20 10 0 -50 -25 0 25 50 75 100 125
Ambient temperature (C)


▲Up To Search▲   

 
Price & Availability of DN6849

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X